Part Number Hot Search : 
HT82V M7S25 RCMA1 STC2200 SR5004 TSYS01 AON6538 22100
Product Description
Full Text Search
 

To Download AD22103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES 3.3 V, Single Supply Operation Temperature Coefficient of 28 mV/C 100C Temperature Span (0C to +100C) Accuracy Better Than 2.5% of Full Scale Linearity Better Than 0.5% of Full Scale Output Proportional to Temperature x V S Minimal Self-Heating High Level, Low Impedance Output Reverse Supply Protected APPLICATIONS Microprocessor Thermal Management Battery and Low Powered Systems Power Supply Temperature Monitoring System Temperature Compensation Board Level Temperature Sensing MARKETS Computers Portable Electronic Equipment Industrial Process Control Instrumentation GENERAL DESCRIPTION
3.3 V Supply, Voltage Output Temperature Sensor with Signal Conditioning AD22103*
SIMPLIFIED BLOCK DIAGRAM
VS
VOUT RT
+3.3V
The AD22103 is a monolithic temperature sensor with on-chip signal conditioning. It can be operated over the temperature range 0C to +100C, making it ideal for use in numerous 3.3 V applications. The signal conditioning eliminates the need for any trimming, buffering or linearization circuitry, greatly simplifying the system design and reducing the overall system cost. The output voltage is proportional to the temperature times the supply voltage (ratiometric). The output swings from 0.25 V at 0C to +3.05 V at +100C using a single +3.3 V supply. Due to its ratiometric nature, the AD22103 offers a cost effective solution when interfacing to an analog-to-digital converter. This is accomplished by using the ADC's power supply as a reference to both the ADC and the AD22103 (See Figure 1), eliminating the need for and cost of a precision reference. *Protected by U.S. Patent Nos. 5030849 and 5243319 .
AD22103
VO SIGNAL OUTPUT DIRECT TO ADC 1k
REFERENCE
ANALOG TO DIGITAL CONVERTER
INPUT 0.1F
Figure 1. Application Circuit
REV. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. (c) Analog Devices, Inc., 1995 One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A. Tel: 617/329-4700 Fax: 617/326-8703
AD22103-SPECIFICATIONS (T = +25C and V = +2.7 V to +3.6 V unless otherwise noted)
A S
Parameter TRANSFER FUNCTION TEMPERATURE COEFFICIENT TOTAL ERROR Initial Error TA = +25C Error over Temperature TA = TMIN to TMAX Nonlinearity TA = TMIN to TMAX OUTPUT CHARACTERISTICS Nominal Output Voltage VS = 3.3 V, TA = 0C VS = 3.3 V, TA = +25C VS = 3.3 V, TA = +100C POWER SUPPLY Operating Voltage Quiescent Current TEMPERATURE RANGE Guaranteed Temperature Range Operating Temperature Range PACKAGE
Min
AD22103K Typ
Max
Units V mV/C
VOUT = (VS/3.3 V) x [0.25 V + (28 mV/C) x TA] (VS/3.3 V) x 28
0.5 0.75 0.1
2.0 2.5 0.5
C C % FS1
0.25 0.95 3.05 +2.7 350 0 0 TO-92 SOIC +3.3 500 +3.6 600 +100 +100
V V V V A C C
NOTES 1 FS (Full Scale) is defined as that of the operating temperature range, 0 C to +100C. The listed max specification limit applies to the guaranteed temperature range. For example, the AD22103K has a nonlinearity of (0.5%) x (100C) = 0.5C over the guaranteed temperature range of 0C to +100C. Specifications subject to change without notice.
CHIP SPECIFICATIONS (T = +25C and V = +3.3 V unless otherwise noted)
A S
Parameter TRANSFER FUNCTION TEMPERATURE COEFFICIENT OUTPUT CHARACTERISTICS Error TA = +25C Nominal Output Voltage TA = +25C POWER SUPPLY Operating Voltage Quiescent Current TEMPERATURE RANGE Guaranteed Temperature Range Operating Temperature Range
Min
Typ
Max
Units V mV/C
VOUT = (VS/3.3 V) x [0.25 V + (28 mV/C) x TA] (VS/3.3 V) x 28
0.5 0.95 +2.7 350 +3.3 500 25 0
Note 1
C V
+3.6 600
V A C C
+100
NOTES 1 Max specs cannot be guaranteed on chips, however, performance once assembled should be commensurate with the specifications listed in the top table. Specifications subject to change without notice.
-2-
REV. 0
AD22103
ABSOLUTE MAXIMUM RATINGS* PIN DESCRIPTION
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +10 V Reversed Continuous Supply Voltage . . . . . . . . . . . . . . . -10 V Operating Temperature . . . . . . . . . . . . . . . . . . 0C to +100C Storage Temperature . . . . . . . . . . . . . . . . . . . -65C to +160C Output Short Circuit to VS or Ground . . . . . . . . . . . . Indefinite Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . +300C
*Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only; the functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Mnemonic VS VO GND NC
Function Power Supply Input Device Output Ground Pin Must Be Connected to 0 V No Connect
PIN CONFIGURATIONS TO-92
ORDERING GUIDE
AD22103
BOTTOM VIEW (Not to Scale)
Model/Grade AD22103KT AD22103KR
Guaranteed Temperature Range 0C to +100C 0C to +100C
Package Description TO-92 SOIC N/A
Package Option TO-92 SO-8 N/A
PIN 3 GND
PIN 2 VO
PIN 1 VS
AD22103KChips* +25C
SOIC
VS 1 VO 2 8 NC
*Minimum purchase quantities of 100 pieces for all chip orders.
7 NC TOP VIEW NC 3 (Not to Scale) 6 NC GND 4 5 NC
AD22103
NC = NO CONNECT
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD22103 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
Typical Performance Curves
18 14 12 10 8 6 4 2 T (SOIC)
JA - C/W
250
200 (SOIC)
T (TO-92)
- Sec
150
100 (TO-92) 50
0
400 800 FLOW RATE - CFM
1200
0
400 800 FLOW RATE - CFM
1200
Figure 2. Thermal Response vs. Air Flow Rate
Figure 3. Thermal Resistance vs. Air Flow Rate
REV. 0
-3-
AD22103
THEORY OF OPERATION OUTPUT STAGE CONSIDERATIONS
The AD22103 is a ratiometric temperature sensor IC whose output voltage is proportional to power supply voltage. The heart of the sensor is a proprietary temperature-dependent resistor, similar to an RTD, which is built into the IC. Figure 4 shows a simplified block diagram of the AD22103.
+VS
As previously stated, the AD22103 is a voltage output device. A basic understanding of the nature of its output stage is useful for proper application. Note that at the nominal supply voltage of 3.3 V, the output voltage extends from 0.25 V at 0C to +3.05 V at +100C. Furthermore, the AD22103 output pin is capable of withstanding an indefinite short circuit to either ground or the power supply. These characteristics are provided by the output stage structure shown in Figure 6.
VS
VOUT RT
VOUT
Figure 4. Simplified Block Diagram
Figure 6. Output Stage Structure
The temperature-dependent resistor, labeled R T, exhibits a change in resistance that is nearly linearly proportional to temperature. This resistor is excited with a current source that is proportional to power supply voltage. The resulting voltage across R T is therefore both supply voltage proportional and linearly varying with temperature. The remainder of the AD22103 consists of an op amp signal conditioning block that takes the voltage across R T and applies the proper gain and offset to achieve the following output voltage function: VOUT = (VS/3.3 V) x [0.25 V + (28.0 mV/C) x TA]
ABSOLUTE ACCURACY AND NONLINEARITY SPECIFICATIONS
The active portion of the output stage is a PNP transistor with its emitter connected to the VS supply and collector connected to the output node. This PNP transistor sources the required amount of output current. A limited pull-down capability is provided by a fixed current sink of about -100 A. (Here, "fixed" means the current sink is fairly insensitive to either supply voltage or output loading conditions. The current sink capability is a function of temperature, increasing its pull-down capability at lower temperatures.) Due to its limited current sinking ability, the AD22103 is incapable of driving loads to the VS power supply and is instead intended to drive grounded loads. A typical value for short circuit current limit is 7 mA, so devices can reliably source 1 mA or 2 mA. However, for best output voltage accuracy and minimal internal self-heating, output current should be kept below 1 mA. Loads connected to the VS power supply should be avoided as the current sinking capability of the AD22103 is very limited. These considerations are typically not a problem when driving a microcontroller analog to digital converter input pin (see MICROPROCESSOR A/D INTERFACE ISSUES).
MOUNTING CONSIDERATIONS
Figure 5 graphically depicts the guaranteed limits of accuracy for the AD22103 and shows the performance of a typical part. As the output is very linear, the major sources of error are offset, i.e., error at room temperature, and span error, i.e., deviation from the theoretical 28.0 mV/C. Demanding applications can achieve improved performance by calibrating these offset and gain errors so that only the residual nonlinearity remains as a source of error.
2.5 2.0 1.5 1.0
ERROR - C
0.5 0 -0.5 -1.0 -1.5 -2.0 -2.5 0 50 TEMPERATURE - C
VS = 3.6V VS = 3.3V VS = 2.7V
If the AD22103 is thermally attached and properly protected, it can be used in any measuring situation where the maximum range of temperatures encountered is between 0C and +100C. Because plastic IC packaging technology is employed, excessive mechanical stress must be avoided when fastening the device with a clamp or screw-on heat tab. Thermally conductive epoxy or glue is recommended for typical mounting conditions. In wet or corrosive environments, an electrically isolated metal or ceramic well should be used to shield the AD22103. Because the part has a voltage output (as opposed to current), it offers modest immunity to leakage errors, such as those caused by condensation at low temperatures.
100
Figure 5. Typical AD22103 Performance
-4-
REV. 0
AD22103
THERMAL ENVIRONMENT EFFECTS
The thermal environment in which the AD22103 is used determines two performance traits: the effect of self-heating on accuracy and the response time of the sensor to rapid changes in temperature. In the first case, a rise in the IC junction temperature above the ambient temperature is a function of two variables; the power consumption of the AD22103 and the thermal resistance between the chip and the ambient environment JA. Selfheating error in degrees Celsius can be derived by multiplying the power dissipation by JA. Because errors of this type can vary widely for surroundings with different heat sinking capacities, it is necessary to specify JA under several conditions. Table I shows how the magnitude of self-heating error varies relative to the environment. A typical part will dissipate about 1.5 mW at room temperature with a 3.3 V supply and negligible output loading. In still air, without a "heat sink," the table below indicates a JA of 190C/W, yielding a temperature rise of 0.285C. Thermal rise will be considerably less in either moving air or with direct physical connection to a solid (or liquid) body.
Table I. Thermal Resistance (TO-92)
neglected in the analysis; however, they will sink or conduct heat directly through the AD22103's solder plated copper leads. When faster response is required, a thermally conductive grease or glue between the AD22103 and the surface temperature being measured should be used.
MICROPROCESSOR A/D INTERFACE ISSUES
Medium Aluminum Block Moving Air** Without Heat Sink Still Air Without Heat Sink
JA (C/Watt) 60 75 190
(sec)* 2 3.5 15
The AD22103 is especially well suited to providing a low cost temperature measurement capability for microprocessor/ microcontroller based systems. Many inexpensive 8-bit microprocessors now offer an onboard 8-bit ADC capability at a modest cost premium. Total "cost of ownership" then becomes a function of the voltage reference and analog signal conditioning necessary to mate the analog sensor with the microprocessor ADC. The AD22103 can provide an ideal low cost system by eliminating the need for a precision voltage reference and any additional active components. The ratiometric nature of the AD22103 allows the microprocessor to use the same power supply as its ADC reference. Variations of hundreds of millivolts in the supply voltage have little effect as both the AD22103 and the ADC use the supply as their reference. The nominal AD22103 signal range of 0.25 V to 3.05 V (0C to +100C) makes good use of the input range of a 0 V to 3.3 V ADC. A single resistor and capacitor are recommended to provide immunity to the high speed charge dump glitches seen at many microprocessor ADC inputs (see Figure 1). An 8-bit ADC with a reference of 3.3 V will have a least significant bit (LSB) size of 3.3 V/256 = 12.9 mV. This corresponds to a nominal resolution of about 0.46C/bit.
USE WITH A PRECISION REFERENCE AS THE SUPPLY VOLTAGE
*The time constant is defined as the time to reach 63.2% of the final temperature change. **1200 CFM.
Response of the AD22103 output to abrupt changes in ambient temperature can be modeled by a single time constant exponential function. Figure 7 shows typical response time plots for a few media of interest.
100 90 80 % OF FINAL VALUES 70 60 50 40 30 20 10 0 0 10 20 30 40 50 60 TIME - sec 70 80 90 100 STILL AIR ALUMINUM BLOCK MOVING AIR
While the ratiometric nature of the AD22103 allows for system operation without a precision voltage reference, it can still be used in such systems. Overall system requirements involving other sensors or signal inputs may dictate the need for a fixed precision ADC reference. The AD22103 can be converted to absolute voltage operation by using a precision reference as the supply voltage. For example, a 3.3 V reference can be used to power the AD22103 directly. Supply current will typically be 500 A which is usually within the output capability of the reference. A large number of AD22103s may require an additional op amp buffer, as would scaling down a 10.00 V reference that might be found in "instrumentation" ADCs typically operating from 15 V supplies.
USING THE AD22103 WITH ALTERNATIVE SUPPLY VOLTAGES
Because of its ratiometric nature the AD22103 can be used at other supply voltages. Its nominal transfer function can be recalculated based on the new supply voltage. For instance, if using the AD22103 at VS = 5 V the transfer function would be given by:
Figure 7. Response Time
The time constant is dependent on JA and the specific heat capacities of the chip and the package. Table I lists the effective (time to reach 63.2% of the final value) for a few different media. Copper printed circuit board connections were
VO = VO =
VS 28 mV 5V 0.25 V + x T A 3.3 V C 5V VS 42.42 mV 0.378 V + x T A 5V C
REV. 0
-5-
AD22103
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
TO-92
0.135 (3.43) MIN 0.205 (5.20) 0.175 (4.96)
0.210 (5.33) 0.170 (4.38) SEATING PLANE 0.050 (1.27) MAX
0.500 (12.70) MIN
0.019 (0.482) 0.016 (0.407) SQUARE
0.105 (2.66) 0.095 (2.42) 0.105 (2.66) 0.080 (2.42)
0.055 (1.39) 0.045 (1.15)
0.105 (2.66) 0.080 (2.42)
1
2
3
0.165 (4.19) 0.125 (3.94)
BOTTOM VIEW
SO-8 (SOIC)
0.1968 (5.00) 0.1890 (4.80)
8 5
0.2440 (6.20) 0.2284 (5.80)
1 4
0.1574 (4.00) 0.1497 (3.80)
PIN 1
0.0688 (1.75) 0.0532 (1.35)
0.0196 (0.50) x 45 0.0099 (0.25)
0.0098 (0.25) 0.0040 (0.10) SEATING PLANE 0.0500 0.0192 (0.49) (1.27) 0.0138 (0.35) 0.0098 (0.25) BSC 0.0075 (0.19)
8 0
0.0500 (1.27) 0.0160 (0.41)
-6-
REV. 0
PRINTED IN U.S.A.
C2006-18-3/95


▲Up To Search▲   

 
Price & Availability of AD22103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X